Part Number Hot Search : 
R4000 VTD205 45M50B D452A OPI120TX SBR10 MRF898D ML720J8S
Product Description
Full Text Search
 

To Download CXA2016S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXA2016S
Sync Identification for CRT Display
Description The CXA2016S is used for sync signal identification and waveform shaping in the CRT computers display for multi-scan system. There are three types of sync input signals for identification: separate sync, composite sync, and sync on video signals. Features * Power save function available (5 V power supply) * Clamp pulse output position selectable among sync interval, back porch interval, and AUTO. * Polarity information of sync signals is output. * Polarity and amplitude of input signals: Polarity Amplitude (Vp-p) V. separate sync: Positive/Negative 1 to 5 H. separate sync: Positive/Negative 1 to 5 Composite sync: Positive/Negative 1 to 5 Sync on video: Sync signals part of Negative 0.2 to 0.4 Video part 0 to 1.4 Applications CRT display monitor Pin Configuration (Top View)
1 2 3
VCC 22 VD 21 VSS IN 20 VSS OUT 19
PH 16 Polarity Check Exist Check 18 HD Logic VS IN PV
22 pin SDIP (Plastic)
Absolute Maximum Ratings (Ta=25C) * Supply voltage VCC 12 V * Operating temperature Topr -20 to +75 C * Storage temperature Tstg -65 to +150 C * Allowable power dissipation PD 962 mW Operating Conditions Supply voltage
VCC
5 0.25
V
Block Diagram
PVC EVC
VS IN PVC EVC
2
3
1
17
Polarity Check
V. Ramp Generator
Exist Check
21 VD
8 HD SEL
4 CS IN 5 6 7 8
PHC EHC Video IN HD SEL
HD 18
CS IN
4 5 6 7
PV 17
PHC
9 ISC
Clamp Pulse Generator Sync Sep Sync Check Bias 13 CLP OUT 14 CLP OUT
PH 16
EHC
CLP SEL 15
Video IN 15 CLP SEL
9 ISC
10 ISJ 11 GND
CLP OUT 14 CLP OUT 13 VSS REF 12
Level Control
10 ISJ
19 VSS OUT
20
12
11 GND
22 VCC
VSS IN VSS REF
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
--1--
E95422B78-TE
CXA2016S
Pin Description Pin No Symbol Pin voltage Equivalent circuit
VCC 1k
(Ta=25 C, VCC=5 V) Description
1
VS IN
2.6 V
1
100
V. separate sync (positive/negative polarity) as capacitor input. Amplitude is 1 to 5 Vp-p.
GND VCC 1k 96k
2
PVC
--
2
1k 8k GND VCC 200 200
This pin connects a 0.22 F integrating capacitor for the vertical signal polarity check circuit to GND. When connecting the capacity at positive polarity, it is 2.9 V and at negative polarity, 120 mV.
3
EVC
--
3
200
1k
V. ramp waveforms generation part of vertical signal exist check circuit. Generates ramp waveforms synchronously with the input signal cycle and connects 0.22 F to GND.
GND VCC
1k
4
CS IN
2.6 V
4
100
Inputs composite sync (positive/negative polarity) and H. separate sync (positive/negative polarity) as capacitor input. Amplitude is 1 to 5 Vp-p.
GND VCC
96k
5
PHC
--
5
1k 8k GND
This pin connects a 0.1 F integrating capacitor for the horizontal signal polarity check circuit to GND. When connecting the capacity at positive polarity, it is 2.6 V and at negative polarity, 350 mV. A 33 k resistance and a nearly peak hold circuit for 0.22 F capacitor are connected to this pin for input signal exist check at CS IN input pin. When a signal is input at CS IN pin, a nearly peak hold is executed at 2.1 V to 2.7 V, a comparison is made with the 1.4 V reference voltage, and input signal exist is identified.
VCC 1k 1k
6
EHC
--
100 1k
6
GND
--2--
CXA2016S
Pin No
Symbol
Pin voltage
Equivalent circuit
VCC 2k
Description
7
Video IN
--
7
Inputs sync on video (sync at negative polarity). Connects in series a 1 F capacitor and a 270 resistance to input signals.
GND VCC
8
HD SEL
--
8
1k GND
VCC 2k 1k
9
ISC
1.2 V
9
100 50k GND
VCC 4k 1k
10
ISJ
1.2 V
10 100 50k GND
Selects output processing of HD (H. Drive Pulse) at a VD interval. Input at TTL level. When Low level is selected, HD is not output at a VD interval. When High level is selected, HD is output at the VD interval. Resistance connecting pin for reference current source of clamp pulse output circuit, and connects 12 k resistance to GND. When a 12 k resistance is connected, a 100 A current flows through this pin (pulse width is approximately 300 ns). Clamp pulse output pulse width is varied by changing the value of the resistance. Use a metal film resistor with an accuracy of 1 % Resistance connecting pin for reference current source and connecting 12 k resistance to GND. When the resistance is connected, a 100 A current flows through this pin. Use a metal film resistor with an accuracy of 1 % GND pin.
11
GND
0V
--
VCC 12k
12
VSS REF
3.125 V
12 1k 20k GND
Reference pin for V. sync separator of composite sync and video sync.
--3--
CXA2016S
Pin No 13
Symbol
Pin voltage --
Equivalent circuit
VCC
Description
CLP OUT
500 13 40k
Clamp pulse output; Open collectortype pin at positive polarity. Clamp pulse output; Open collectortype pin at negative polarity.
GND
14
CLP OUT
--
7k
VCC 30k 20k
15
CLP SEL
--
15
1k
43k GND
Selects output position of a clamp pulse. Input at TTL level. When Low level is selected, a clamp pulse is output at a back porch interval. When High level is selected, clamp pulse is output at a sync interval. See the Description of Operation for Input/Output Matrix.
VCC 20k
16 17
PH PV
--
16
20k GND VCC 333 6k
Output polarity information of horizontal and vertical sync signals. See the Description of Operation for Input/Output Matrix.
18
HD
--
18
6k
HD (H. Drive Pulse) output; Push-pull type pin at positive polarity.
6k GND VCC 200 5k
19
VSS OUT
--
19
2.5k
Composite sync or sync signal separated from video sync is output. Output is at positive polarity.
GND VCC
17.5k
20
VSS IN
--
20 1k GND
Input for V. sync separator comparator. Integrates the output at Pin 19 and inputs it.
--4--
CXA2016S
Pin No
Symbol
Pin voltage
Equivalent circuit
VCC 10k
Description
21
VD
--
21
10k
VD (V. Drive Pulse) output pin. Output is at positive polarity.
10k GND
22
VCC
5V
--
Power supply pin.
--5--
CXA2016S
Electrical Characteristics No. Item Symbol
(Ta=25 C, VCC=5 V. See the Electrical Characteristics Measurement Circuit.) Measurement contents Measure VD output peak value during V. separate sync input. Input signal A. (tw=60 s) Measure HD output peak value during sync on video input. Input signal C. (tw=1 s) Measurement point VD (Pin 21) Min. Typ. High level 4.9 Low level 0.1 High level 4.2 Low level 0.3 High level 4.9 Low level 0.3 High level 4.9 Low level 0.4 305 310 Max. Unit
1
VD output voltage
EVD
4.3 --
-- 0.4 -- 0.5 -- 0.8 -- 0.9 380 380
V
2
HD output voltage
EHD
HD (Pin 18) CLAMP (Pin 13)
3.3 -- 4.3 --
V
3
Clamp pulse output voltage
ECP
Measure clamp pulse output peak value during composite sync input. Input signal B. (tw=1 s)
V
CLAMP (Pin 14)
4.3 --
V
4
Clamp pulse output pulse width
tC
Measure clamp pulse output pulse width during composite sync input. Input signal B. (tw=1 s) Measure delay difference between CS and HD during composite sync input. Or the time from CS (positive polarity) rise time (50 %) to HD output rise time (50 %). Input signal D. Measure delay difference between HD and clamp pulse during composite sync input. Or the time from HD output fall time (50 %) to clamp pulse output rise time1 (50 %). Input signal B. Sync signal polarity information is output. Measure high level voltage. (No load) Sync signal polarity information is output. Measure low level voltage. (No load) VCC=5 V. Measure current consumption during no signal input.
CLAMP (Pin 13) CLAMP (Pin 14)
260 260
ns ns
5
HD delay
thd
HD (Pin 18)
--
75
100
ns
6
Clamp pulse delay
CLAMP (Pin 13) CLAMP (Pin 14) PH, PV (Pins 16 and 17) PH, PV (Pins 16 and 17) VCC (Pin 22)
--
5.0
30 ns
tcd1
--
5.0
30
PN 7 Polarity identification output voltage PP
4.3
--
--
V
--
--
0.4
V
8
Current consumption
ICC
--
26.5
45
mA
1 CLAMP is for the fall time. --6--
CXA2016S
Types of Signal Source Signal Item V. SYNC IN (Pin 1) Composite SYNC IN (Pin 4) Video IN (Pin 7)
A
1
1WV
fv=40 Hz tWV=60 s Negative logic 1 Vp-p
V
fv=40 Hz tWV=60 s
1WV
B
3, 4, 6
H
1WH
Negative logic 1 Vp-p fH=50 kHz tWH=1 s Negative logic 1 Vp-p
V 0.7V 0.2V
10H 60s
3H
C
2
H
fV=40 Hz tWV=60 s
15s 0.7V 0.2V
3s 1s
fH=50 kHz tWH=1 s
D
5
fH=50 kHz tWH=1 s Positive logic 1 Vp-p
--7--
CXA2016S
Electrical Characteristics Measurement Circuit
HS Video or Sync CS VS
1
75 2.2
VS IN
VCC 22 0.01 1 10
5V
2 PVC
0.22
VD 21 1k VD
3 EVC
0.22
VSS IN 20
4
75 1
CS IN
VSS OUT 19 2.2k 3300p HD
5
0.1 75 33k 0.22 1 220 10k
PHC
HD 18
6 7 8
12k
EHC
PV 17
PV
Video IN
PH 16
PH
HD SEL
CLP SEL 15 0.1
9
12k
ISC
CLP OUT 14 1k CLAMP
10 ISJ
CLP OUT 13 1k CLAMP
11 GND
VSS Ref 12 0.01
--8--
CXA2016S
Description of Operation Input signal * VS IN (Pin 1) fV : 40 to 200 Hz VS : 1 to 5Vp-p (positive/negative polarity) * HS IN (Pin 4) fH : 15k to 130 kHz VS : 1 to 5 Vp-p (positive/negative polarity) * CS IN (Pin 4) fH : 15 k to 130 kHz fV : 40 to 200 Hz VS : 1 to 5 Vp-p (positive/negative polarity) * Video IN (Pin 7) fH : 15 k to 130 kHz fV : 40 to 200 Hz VV : 0 to 1.4 Vp-p VS : 0.2 to 0.4 Vp-p Clamp Pulse Output * Clamp pulse (Pins 13 and 14) is output under the following conditions. Pin 13 is for open collector output and is at positive polarity. Pin 14 is for open collector output and is at negative polarity. td: Clamp pulse delays for 10 to 20 ns from HD. tw: Clamp pulse width varies depending on the value of the resistance connected to Pin 9. (1) When CS IN or Video IN is selected, a clamp pulse at the VD interval is not output. (2) During H./V. Separate Sync, a clamp pulse at the VD interval is also output. (3) When Pin 15 (CLP SEL) is connected to GND, a clamp pulse is output at the back porch interval. When Pin 15 (CLP SEL) is connected to VCC, a clamp pulse is output at the SYNC interval. If a capacitor is connected between this pin and GND, the output position is automatically selected. Clamp Pulse Input/Output Matrix CLP SEL GND VCC AUTO VS IN CS IN -- O -- Video IN O -- -- Clamp pulse output position Back porch interval SYNC interval Back porch interval SYNC interval (Back porch interval)
[O] indicates that input SYNC exists. [--] indicates no signal (no SYNC). [ ] has no relation with input signal.
--9--
CXA2016S
HD Select Function When HD SEL is Low, HD at the VD interval is not output. When HD SEL is High, HD at the VD interval is output. During separate sync output, HD is output regardless of HD SEL. Mode Matrix of SYNC Polarity Identification Signal VS IN (Pin 1) VS (positive polarity) CS IN (Pin 4) No signal HS (positive polarity) HS (negative polarity) No signal HS (positive polarity) HS (negative polarity) No signal COMP (positive polarity) COMP (negative polarity) PV out (Pin 17) Low Low Low High High High Low Low Low PH out (Pin 16) Low Low High Low Low High Low Low High
VS (negative polarity)
No signal
Low level: 0 to 0.4 V, High level: VCC Input/Output Matrix VS IN O -- -- -- O O CS IN O O -- -- -- -- Video IN O -- O -- VD OUT VS CS Video (Video) VS VS HD OUT CS CS Video (Video) Video (Video)
Note) The corresponding sync signals are input to VSIN and Video IN. [O] indicates that input SYNC exists. [--] indicates no signal. [ ] has no relation with input signal.
--10--
CXA2016S
Application Circuit
CS Video or (G) HS VS
1 VS IN
2.2 75
VCC 22
VCC 5V VD OUT
2 PVC
0.22
VD 21
3 EVC
0.22
VSS IN 20 2.2k
4 CS IN
75 1
VSS OUT 19 3300p
5 PHC
0.1 33k 0.22 75 1 270
HD 18
HD OUT
6 EHC 7 Video IN 8 HD SEL
12k
PV 17
PV
PH 16
PH
CLP SEL 15 0.1 CLP OUT 1k
9 ISC
12k 10 ISJ
CLP OUT 14
CLP OUT 13 1k
CLP OUT
11 GND
VSS Ref 12 0.01
Use metal film resistor with an accuracy of 1% for the resistor marked .
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
--11--
CXA2016S
Package Outline
Unit : mm
22PIN SDIP (PLASTIC)
+ 0.1 0.05 0.25 -
+ 0.4 19.2 - 0.1
22
12
+ 0.3 6.4 - 0.1
1 1.778
11
0.5 0.1 + 0.15 0.9 - 0.1
+ 0.15 3.25 - 0.2
0.51 MIN
+ 0.4 3.9 - 0.1
7.62
0 to 15
Two kinds of package surface: 1.All mat surface type. 2.All mirror surface type.
PACKAGE STRUCTURE
MOLDING COMPOUND SONY CODE EIAJ CODE JEDEC CODE SDIP-22P-01 SDIP022-P-0300 LEAD TREATMENT LEAD MATERIAL PACKAGE MASS EPOXY RESIN SOLDER PLATING COPPER ALLOY 0.95g
--12--


▲Up To Search▲   

 
Price & Availability of CXA2016S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X